Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download SMBJ48A-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbj5.0(c)a - smbj170(c)a document number: ds19002 rev. 17 - 2 1 of 5 www.diodes.com june 2009 ? diodes incorporated smbj5.0 ( c ) a - smbj170 ( c ) a 600w surface mount tran sient voltage suppressor features ? 600w peak pulse power dissipation ? 5.0v - 170v standoff voltages ? glass passivated die construction ? uni- and bi-directional versions available ? excellent clamping capability ? fast response time ? lead free finish/rohs compliant (note 1) ? green molding compound (no halogen and antimony) (note 2) mechanical data ? case: smb ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: lead free plating (mat te tin finish). solderable per mil-std-202, method 208 ? polarity indicator: cathode band (note: bi-directional devices have no polarity indicator.) ? marking: information: see page 4 ? ordering information: see page 4 ? weight: 0.1 grams (approximate) maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak pulse power dissipation (non repetitive current pulse derated above t a = 25 c) (note 3) p pk 600 w peak power derating above 25c p der 4.8 w/ c peak forward surge current, 8.3ms single half sine wave superimposed on rated load (notes 3, 4, & 5) i fsm 100 a steady state power dissipation @ t l = 75 c pm (av) 5.0 w instantaneous forward voltage @ i pp = 35a v br <100v (notes 3, 4, & 5) v br 100v v f 3.5 5.0 v v thermal characteristics characteristic symbol value unit operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +175 c notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied. please visit our website at http://www.diodes .com/quality/lead_free.html . 2. no purposefully added lead. halogen and antimony free. 3. valid provided that terminals are kept at ambient temperature. 4. measured with 8.3ms single half sine-wave. duty cycle = 4 pulses per minute maximum. 5. unidirectional units only. ? green top view bottom view
smbj5.0(c)a - smbj170(c)a document number: ds19002 rev. 17 - 2 2 of 5 www.diodes.com june 2009 ? diodes incorporated smbj5.0 ( c ) a - smbj170 ( c ) a electrical characteristics @t a = 25c unless otherwise specified part number add c for bi- directional (note 6) reverse standoff voltage breakdown voltage v br @ i t (note 7) test current max. reverse leakage @ v rwm (note 8) max. clamping voltage @ i pp max. peak pulse current i pp marking code see note 4 v rwm (v) min (v) max (v) i t (ma) i r ( a) v c (v) (a) bi- uni- smbj5.0(c)a 5.0 6.40 7.23 10 800 9.2 65.2 ae ke smbj6.0(c)a 6.0 6.67 7.67 10 800 10.3 58.3 ag kg smbj6.5(c)a 6.5 7.22 8.30 10 500 11.2 53.6 ak kk smbj7.0(c)a 7.0 7.78 8.95 10 200 12.0 50.0 am km smbj7.5(c)a 7.5 8.33 9.58 1.0 100 12.9 46.5 ap kp smbj8.0(c)a 8.0 8.89 10.23 1.0 50 13.6 44.1 ar kr smbj8.5(c)a 8.5 9.44 10.82 1.0 10 14.4 41.7 at kt smbj9.0(c)a 9.0 10.00 11.50 1.0 5.0 15.4 39.0 av kv smbj10(c)a 10.0 11.10 12.80 1.0 5.0 17.0 35.3 ax kx smbj11(c)a 11.0 12.20 14.40 1.0 5.0 18.2 33.0 az kz smbj12(c)a 12.0 13.30 15.30 1.0 5.0 19.9 30.2 be le smbj13(c)a 13.0 14.40 16.50 1.0 5.0 21.5 27.9 bg lg smbj14(c)a 14.0 15.60 17.90 1.0 5.0 23.2 25.8 bk lk smbj15(c)a 15.0 16.70 19.20 1.0 5.0 24.4 24.0 bm lm smbj16(c)a 16.0 17.80 20.50 1.0 5.0 26.0 23.1 bp lp smbj17(c)a 17.0 18.90 21.70 1.0 5.0 27.6 21.7 br lr smbj18(c)a 18.0 20.00 23.30 1.0 5.0 29.2 20.5 bt lt smbj20(c)a 20.0 22.20 25.50 1.0 5.0 32.4 18.5 bv lv smbj22(c)a 22.0 24.40 28.00 1.0 5.0 35.5 16.9 bx lx smbj24(c)a 24.0 26.70 30.70 1.0 5.0 38.9 15.4 bz lz smbj26(c)a 26.0 28.90 33.20 1.0 5.0 42.1 14.2 ce me smbj28(c)a 28.0 31.10 35.80 1.0 5.0 45.4 13.2 cg mg smbj30(c)a 30.0 33.30 38.30 1.0 5.0 48.4 12.4 ck mk smbj33(c)a 33.0 36.70 42.20 1.0 5.0 53.3 11.3 cm mm smbj36(c)a 36.0 40.00 46.00 1.0 5.0 58.1 10.3 cp mp smbj40(c)a 40.0 44.40 51.10 1.0 5.0 64.5 9.3 cr mr smbj43(c)a 43.0 47.80 54.90 1.0 5.0 69.4 8.6 ct mt smbj45(c)a 45.0 50.00 57.50 1.0 5.0 72.7 8.3 cv mv smbj48(c)a 48.0 53.30 61.30 1.0 5.0 77.4 7.7 cx mx smbj51(c)a 51.0 56.70 65.20 1.0 5.0 82.4 7.3 cz mz smbj54(c)a 54.0 60.00 69.00 1.0 5.0 87.1 6.9 de ne smbj58(c)a 58.0 64.40 74.60 1.0 5.0 93.6 6.4 dg ng smbj60(c)a 60.0 66.70 76.70 1.0 5.0 96.8 6.2 dk nk smbj64(c)a 64.0 71.10 81.80 1.0 5.0 103.0 5.8 dm nm smbj70(c)a 70.0 77.80 89.50 1.0 5.0 113.0 5.3 dp np smbj75(c)a 75.0 83.30 95.80 1.0 5.0 121.0 4.9 dr nr smbj78(c)a 78.0 86.70 99.70 1.0 5.0 126.0 4.7 dt nt smbj85(c)a 85.0 94.40 108.20 1.0 5.0 137.0 4.4 dv nv smbj90(c)a 90.0 100.0 115.50 1.0 5.0 146.0 4.1 dx nx smbj100(c)a 100.0 111.0 128.00 1.0 5.0 162.0 3.7 dz nz smbj110(c)a 110.0 122.0 140.00 1.0 5.0 177.0 3.4 ee pe smbj120(c)a 120.0 133.0 153.00 1.0 5.0 193.0 3.1 eg pg smbj130(c)a 130.0 144.0 165.50 1.0 5.0 209.0 2.9 ek pk smbj150(c)a 150.0 167.0 192.50 1.0 5.0 243.0 2.5 em pm smbj160(c)a 160.0 178.0 205.00 1.0 5.0 259.0 2.3 ep pp smbj170(c)a 170.0 189.0 217.50 1.0 5.0 275.0 2.2 er pr notes: 6. suffix c denotes bi-directional device. 7. v br measured with i t current pulse = 300 s 8. for bi-directional devices having v rwm of 10v and under, the i r is doubled.
smbj5.0(c)a - smbj170(c)a document number: ds19002 rev. 17 - 2 3 of 5 www.diodes.com june 2009 ? diodes incorporated smbj5.0 ( c ) a - smbj170 ( c ) a 10 x 1000 waveform as defined by rea 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) fig. 1 pulse derating curve a p eak p u lse de r a t in g in % o f peak power or current 1 10 100 1000 10 100 1000 10,000 v , reverse standoff voltage (v) fig. 2 typical total capacitance rwm c , c a p a c i t an c e (p f ) t t = 25 c j f = 1.0 mhz v = 50 mv p-p sig measured at zero bias uni-directional bi-directional 0.1 1.0 0.1 10 100 1.0 10 1000 10000 t = 25 c j p , p eak p u lse p o we r (kw) pk 100 non repetitive pulse waveform shown in fig. 4 i , peak pulse current (%i ) pp pp t, time (ms) fig. 4 pulse waveform 0 120 100 80 60 40 20 2 5 10 i, p eak f o r wa r d s u r g e c u r r en t (a) fsm number of cycles at 60hz fig. 5 maximum non-repetitive surge current 20 50 100 1 pulse width 8.3ms single half-sine-wave 0.0 1.0 2.0 3.0 02550 75 100 125 150 175 200 p m s t ead y s t a t e p o we r dissi p a t i o n (w) (av), t , lead temperature ( c) fig. 6 steady state power derating curve l 4.0 5.0
smbj5.0(c)a - smbj170(c)a document number: ds19002 rev. 17 - 2 4 of 5 www.diodes.com june 2009 ? diodes incorporated smbj5.0 ( c ) a - smbj170 ( c ) a ordering information (note 9) part number case packaging smbjxxx(c)a-13-f smb 3000/tape & reel *x = device voltage, e.g., smbj170a-13-f. notes: 9. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information package outline dimensions suggested pad layout smb dim min max a 3.30 3.94 b 4.06 4.57 c 1.96 2.21 d 0.15 0.31 e 5.00 5.59 g 0.05 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm dimensions value (in mm) z 6.8 g 1.8 x 2.3 y 2.5 c 4.3 xx = product type marking code (see page 2) = manufacturers? code marking yww = date code marking y = last digit of year (ex: 2 for 2002) ww = week code 01 to 52 yww xx a b c d g h e j z x c g y
smbj5.0(c)a - smbj170(c)a document number: ds19002 rev. 17 - 2 5 of 5 www.diodes.com june 2009 ? diodes incorporated smbj5.0 ( c ) a - smbj170 ( c ) a important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2009, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SMBJ48A-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X